Part Number Hot Search : 
24C02C 7139A TA114T 45332C 10020 TA5RG S2010FS2 A1SA3
Product Description
Full Text Search
 

To Download SW10-0312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.4155721 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 gaas spdt reflective switch, dc-3.0 ghz with ttl/cmos control input rev. v8 SW10-0312 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. features ? integral ttl driver ? low dc power consumption ? surface mount package ? low cost/high performance ? 50 ohm nominal impedance ? lead-free cr-9 package ? 260c reflow compatible ? rohs* compliant description m/a-com?s SW10-0312 is a gaas fet spdt re- flective switch with integr al silicon asic driver. pack- aged in a 16-lead ceramic surface mount package, this device offers excellent performance and repeat- ability from dc to 3 ghz while maintaining low power consumption. the SW10-0312 is ideally suited for use where fast speed, low power con- sumption and broadband applications are required. ordering information part number package SW10-0312 bulk packaging masw-008842-0001tb sample test board note: reference application note m513 for reel size information. functional block diagram pin configuration pin no. function pin no. function 1 vee 9 rfc 2 gnd 10 gnd 3 gnd 11 gnd 4 gnd 12 rf1 5 rf2 13 gnd 6 gnd 14 gnd 7 gnd 15 vcc 8 gnd 16 c1 the metal bottom of the case must be connected to rf and dc ground. * restrictions on hazardous substanc es, european union directive 2002/95/ec. rfc gnd gnd rf1 gnd gnd gnd gnd gnd rf2 gnd gnd gnd orientation mark vee vcc
? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.4155721 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 2 gaas spdt reflective switch, dc-3.0 ghz with ttl/cmos control input rev. v8 SW10-0312 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. electrical specifications: t a = +25c 1,2 parameter frequency units min typ max insertion loss dc - 3000 mhz dc - 2000 mhz dc - 1000 mhz dc - 500 mhz db db db db ? ? ? ? 0.9 0.8 0.7 0.6 1.2 1.1 0.9 0.8 vswr dc - 3000 mhz dc - 2000 mhz dc - 1000 mhz dc - 500 mhz ratio ratio ratio ratio ? ? ? ? 1.4:1 1.3:1 1.2:1 1.1:1 1.5:1 1.4:1 1.4:1 1.3:1 isolation dc - 3000 mhz dc - 2000 mhz dc - 1000 mhz dc - 500 mhz db db db db 27 30 35 40 36 38 42 45 ? ? ? ? trise, tfall ? ns ? 50 ? ton, toff ? ns ? 150 ? transients ? mv ? 50 ? 1 db compression 0.05 ghz 0.5 ghz to 3 ghz dbm dbm ? ? +25 +30 ? ? ip2 0.05 ghz 0.5 ghz to 3 ghz dbm dbm ? ? +60 +65 ? ? ip3 0.05 ghz 0.5 ghz to 3 ghz dbm dbm ? ? +40 +46 ? ? test conditions ? ? ? 10% to 90% 1.3v ctl to 90% / 10% in-band input power two-tone input power up to +5 dbm two-tone input power up to +5 dbm vin low 0v to 0.8v ? a ? ? 1 vin high 2.0v to 5.0v ? a ? ? 1 vcc +5.0v 10% ? ma ? ? 1 vee -5.0v to -8.0v ? ma ? ? 1 1. all specifications apply when operated with bias voltages of +5v for vcc and ?5v for vee. 2. when dc blocks are used, a 10k ohm retu rn to gnd is required on the rfc port. absolute maximum ratings 3,4 parameter absolute maximum max input power 50 mhz 500 - 3000 mhz +27 dbm +34 dbm v cc -0.5v v cc +7.0v v ee -8.5v v ee +0.5v operating temperature -40c to +125c storage temperature -65c to +150c v cc - v ee -0.5v v cc - v ee 14.5v vin 5 -0.5v vin v cc + 0.5v 3. exceeding any one or combination of these limits may cause permanent damage to this device. 4. m/a-com does not recommend sustained operation near these survivability limits. 5. standard cmos ttl interface, latch-up will occur if logic signal is applied prior to power supply.
? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.4155721 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 3 gaas spdt reflective switch, dc-3.0 ghz with ttl/cmos control input rev. v8 SW10-0312 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. handling procedures please observe the following precautions to avoid damage: static sensitivity gallium arsenide integrated circuits are sensitive to electrostatic discharge (esd) and can be damaged by static electric ity. proper esd control techniques should be used when handling these devices. truth table (switch) condition of switch rf common to each rf port rf1 rf2 0 on off 1 off on c1 isolation vs. frequency vswr vs. frequency typical performance curves insertion loss vs. frequency 0 0.5 1 1. 5 2 0 .0 0 .5 1.0 1.5 2.0 2.5 3 f requency (gh z) loss (db) +85c +25c - 55c 0 10 20 30 40 50 60 70 80 0.0 0.5 1.0 1.5 2.0 2.5 3 f requency (gh z) isolation db 1. 0 0 1. 2 0 1. 4 0 1. 6 0 1. 8 0 2.00 0.0 0.5 1.0 1.5 2.0 2.5 3 f requency (gh z) vswr 0 = ttl low; 1 = ttl high
? north america tel: 800.366.2266 ? europe tel: +353.21.244.6400 ? india tel: +91.80.4155721 ? china tel: +86.21.2407.1588 visit www.macomtech.com for addi tional data sheets and product information. m/a-com technology solutions inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 4 gaas spdt reflective switch, dc-3.0 ghz with ttl/cmos control input rev. v8 SW10-0312 advanced: data sheets contain information regarding a product m/a-com technology solutions is considering for development. performance is based on target specifications, simulated results, and/or prototype measurements. commitment to develop is not guaranteed. preliminary: data sheets contain information regarding a product m/a-com technology solutions has under development. performance is based on engineering tests. specifications are typical. mechanical outline has been fixed. engineering samples and/or test data may be available. commitment to produce in volume is not guaranteed. lead-free, cr-9 ceramic package ? ? reference application note m 538 for lead-free solder reflow recommendations.


▲Up To Search▲   

 
Price & Availability of SW10-0312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X